Electronic Components Datasheet Search
  English  ▼

X  

2481 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2481
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2481 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2481 Datasheet HTML 1Page - KR Electronics, Inc. 2481 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
5 dB/
REF 0 dB
CENTER
.148 000 MHz
SPAN
.050 000 MHz
Cor
PRm
CH2
S 11
log MAG
REF 0 dB
5 dB/
Cor
PRm
18 Aug 2003 10:12:56
1
2
KR 2481 Bandpass Filter
KR 2481 is an 148 KHz bandpass filter. Other center fre-
quencies can be specified.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 148 KHz center frequency
• 50 Ω
Typical Measured Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response & Return Loss
(5 dB/div)


Similar Part No. - 2481

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2481 MOLEX3-2481 Datasheet
85Kb / 2P
15.88mm (.625") Pitch Phenolic Range Receptacle Housing
2481 MOLEX11-2481 Datasheet
39Kb / 1P
15.88mm Pitch Phenolic Range Receptacle Housing
logo
Keystone Electronics Co...
2481 KEYSTONE-2481 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Littelfuse
24812 LITTELFUSE-24812 Datasheet
553Kb / 2P
PLASTIC BODY SOLENOIDS
2020 Rev: 120820
logo
TE Connectivity Ltd
2481211-1 TEC-2481211-1 Datasheet
90Kb / 1P
I20I - ECE EXTRUDED CORD - SERIES
More results

Similar Description - 2481

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com