Electronic Components Datasheet Search
  English  ▼

X  

HIMP250 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HIMP250
Description  HARMONIC CORRECTION(PFC) AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HIMP250 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HIMP250 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HIMP250 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
2007/09/10
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.4Kg (49.3 Oz.)
SINGLE OUTPUT
MAIN OUTPUT
MODEL NO.
Typ.
Volt.
HIMP250-S120210
21.0A
12.0Vdc
HIMP250-S150170
17.0A
15.0Vdc
HIMP250-S240105
10.5A
24.0Vdc
HIMP250-S480052
5.2A
48.0Vdc
Symbol: “★” OVP built-in.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSORTED SIGNALS
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC COM
DC OK
FAL
EXT OFF
+S
-S
FAN
COM
CNTR/PIN#
P1-L
P1-N
P1-G
P2-1,P2-2
P2-3,P2-4
P3-1
P3-2
P3-3
P3-4
P3-5
P4-1
P4-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com