Electronic Components Datasheet Search
  English  ▼

X  

HIMP151 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HIMP151
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HIMP151 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HIMP151 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HIMP151 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HIMP151 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
H HiTRON
2008/02/18
UNIVERSAL INPUT HARMONIC CORRECTION
AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE &
MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER
SUPPLIES HIMP151 SERIES
FEATURES:
5” X 3”* X 1.38” COMPACT SIZE
ACCOMMODATE UNIVERSAL AC SOURCES
MEET IEC 61000-3-2 HARMONIC
CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR EN 55022/EN 55011 & FCC
CLASS B CONDUCTED
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC.
Input Connector: V-M connector.
Input Frequency: 47-63Hz.
Inrush Current: 9.3-11.3Arms @230Vac.
Input Current: Typ. 2.2A @115Vac, 0.9A @230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR EN 55022 & FCC Class B conducted.
Meet CISPR EN 55011 & FCC Class B conducted.
Hold-up Time: Typ. 90mS @115Vac & 230Vac.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typ. 0.99 @ full load.
Over Temperature Protection: Installed.
Leakage Current: 0.40-0.50mA @230Vac touch current.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: V-M connector.
Output Wattage: Max. 150 watts.
Line Regulation: Typ. 1.0%.
Load Regulation: Single O/P VO1 ±3.0%.
Dual O/P VO1 ±3.0% VO2 ±1.0%
Triple O/P VO1 ± 3.0% (± 8% for 3.3V), VO2/VO3 ±3.0%.
Quad O/P VO1/VO2/VO3/VO4 ±3.0%
Noise & Ripple: Typ. 1.0-2.0% peak to peak.
OVP: Built-in at VO1 and VO2.
Adjustability: Available at VO1 and VO2.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 76-80% various with output.
Switching Frequency: 68K Hz.
Circuit Topology: Single Fixed frequency forward circuit.
Dual/Triple/Quad: Fixed freq. flyback circuit.
Transient Response: Output voltage returns in less than
14.8-25.2mS following a 25% load change.
Safety Standard: IEC 60950-1 Class I for IEC use.
IEC 60601-1 Class I for Medical use.
Operating Temperature: 0 to +50°C under 30 CFM
forced air cooling for full load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04% /°C.
Cooling: Requested 30 CFM forced air flow for full load.
Construction: U-bracket format.
Power Density: 6.52-7.24 Watts / Cubic Inch .
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory.


Similar Part No. - HIMP151

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results

Similar Description - HIMP151

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP250 HITRON-HIMP250 Datasheet
120Kb / 2P
HARMONIC CORRECTION(PFC) AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 250 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP93 HITRON-HVP93 Datasheet
367Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 50-100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP100 HITRON-HVP100 Datasheet
352Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP101 HITRON-HVP101 Datasheet
305Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP103 HITRON-HVP103 Datasheet
326Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP105 HITRON-HVP105 Datasheet
370Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 105 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP149 HITRON-HVP149 Datasheet
340Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP150 HITRON-HVP150 Datasheet
380Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & DUAL OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPVP-149 TOTAL-POWER-TPVP-149 Datasheet
400Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com