Electronic Components Datasheet Search
  English  ▼

X  

HAC202P Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAC202P
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAC202P Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAC202P Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAC202P Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
OUTPUT VOLTAGE / CURRENT RATINGS CHART
2008/10/15
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 700.0 g (24..7 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡☉
AUX. +VO2 ▲@★#≡☉※
AUX. +VO3 ▲≡#☉★@
AUX. –VO4 ☉★▲
MODEL NO.
Min.
Typ.
Volt. Max.
Min.
Typ
Volt.
Max Min. Typ Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
HAC202P-490
2A
25A
+5V
27A
0A
10A +3.3V 20A
0A 3A +12V 5A
6A
0A 0.5A -12V 1A
1A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing.
"☉" Installed with Or-ing diode. "▲" Magnetic Amplifier. "※" Synchronous Rectifier.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
Total max. power of V1 and V2 should be less than 175Watt.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G VO1
5V
S+
5V
S-
5V
Adj.
C.S. VO2
3.3V
S+
3.3V
S-
3.3V
Adj.
C.S. VO3
+12V
S+
C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47
46
45
1,2,
3,4
30
34
29
35
13,14,
15,16,
17,18
33
34
32
41
20
36
44
21
5,6,7,8,9,1
0,
11,12,19,2
4
27
38
39
42
Mating connector: PCIH47F400A1.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com