Electronic Components Datasheet Search
  English  ▼

X  

HAC250P Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAC250P
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAC250P Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAC250P Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAC250P Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-6-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ●⊙★■=
MODEL NO.
Min.
Typ.
Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
HAC250P-490(E)
0A
25.0A +5V 33.0A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
HAC250P-490(O)
0A
25.0A +5V 33.0A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A 0A 0.5A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing. "=" Droop Current Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G
VO1 S+ S- Adj. C.S.
VO2
S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47 46 45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
HAC250P-490(E)
HAC250P-490(O)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com