Electronic Components Datasheet Search
  English  ▼

X  

HDA41 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HDA41
Description  36-72VDC INPUT RANGE DC-DC PCB OPEN FRAME MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDA41 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HDA41 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDA41 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-67-
H HiTRON
36-72VDC INPUT RANGE DC-DC PCB OPEN FRAME
MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING
POWER CONVERTERS HDA41 SERIES
FEATURES:
PCB OPEN FRAME FORMAT
LOW PROFILE & COMPACT SIZE
36-72VDC NOMINAL 48VDC INPUT
EMI MEET EN 55022 & FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 36-72Vdc,
Nominal input 48Vdc.
Input Connector: Molex V-M.
Input Current: 1.4A @ nominal input 48Vdc.
Dielectric Withstand: Meet IEC 60950-1 regulation.
EMI: Meet EN 55022 & FCC Class B.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 45W continuous.
Output Connector: Molex V-M.
Line Regulation: Typ. 0.1-0.5%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux.VO2 typ. ±2.0-3.0%.(Stacked)
Aux. VO3 typ. ±1.0-2.0%.(P.R.)
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1.
Adjustability: Available at main VO1.
Overload Protection (OLP):
Fully protected against output overload or short circuit.
Typical 125-130% max. load.
Consult the factory for special OLP setting
GENERAL SPECIFICATION
Efficiency: Typ. 75%.
Switching Frequency: 55K Hz.
Circuit Topology: Fixed Frequency Flyback Circuit.
Transient Response: Typ. 2mS following a 25%
load change.
Safety Standard: IEC 60950-1 Class I.
Power Density: 3.1Watts / Cubic Inch.
Operating Temperature: 0 to +50°C at full load,
derating to half @+ 70°C.
Storage Temperature: -40°C to +85°C.
Temperature Coefficient: ±0.04%/°C.
Cooling: Convection cooling is adequate. Moving air is
recommended for operating in a confined area.
Construction: PCB open frame format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.


Similar Part No. - HDA41

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
Dimensional Drawing
HDA430-2 HANTRONIX-HDA430-2 Datasheet
189Kb / 5P
Dimensional Drawing
HDA430-3 HANTRONIX-HDA430-3 Datasheet
183Kb / 5P
Dimensional Drawing
HDA430-3G1H HANTRONIX-HDA430-3G1H Datasheet
1Mb / 18P
4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results

Similar Description - HDA41

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDA55 HITRON-HDA55 Datasheet
327Kb / 2P
36-72VDC INPUT RANGE DC-DC PCB OPEN FRAME MULTI-OUTPUT 55-60 WATTS INTERNAL SWITCHING POWER CONVERTERS
HDB49 HITRON-HDB49 Datasheet
284Kb / 2P
18-36VDC INPUT RANGE DC-DC PCB OPEN FRAME QUAD OUTPUT 50 WATTS INTERNAL SWITCHING POWER CONVERTERS
HDC46 HITRON-HDC46 Datasheet
235Kb / 2P
36-72VDC INPUT RANGE DC-DC OPEN FRAME TRIPLE OUTPUT 45-50 WATTS INTERNAL SWITCHING POWER CONVERTERS
HVI12 HITRON-HVI12 Datasheet
305Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE OUTPUT 12 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI41 HITRON-HVI41 Datasheet
350Kb / 2P
UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI48 HITRON-HVI48 Datasheet
315Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI50 HITRON-HVI50 Datasheet
332Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE OUTPUT 50 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI72 HITRON-HVI72 Datasheet
410Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 72 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVI102 HITRON-HVI102 Datasheet
361Kb / 2P
UNIVERSAL INPUT AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
BOSER Technology Co., L...
BPW-8410 BOSER-BPW-8410 Datasheet
67Kb / 1P
80W 48V DC-DC Open Frame Power Supply Input Range: 36~72VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com