Electronic Components Datasheet Search
  English  ▼

X  

THMC10SSOPDBQ Datasheet(PDF) 19 Page - Texas Instruments

Part # THMC10SSOPDBQ
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10SSOPDBQ Datasheet(HTML) 19 Page - Texas Instruments

Back Button THMC10SSOPDBQ Datasheet HTML 12Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 13Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 14Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 15Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 16Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 17Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 18Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 19Page - Texas Instruments THMC10SSOPDBQ Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
DBQ (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
Gage Plane
0.008 (0,20) NOM
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
24
20
Seating Plane
(8,74)
(8,56)
0.337
0.337
(8,56)
(8,74)
0.344
0.344
4073301/D 08/98
13
0.150 (3,81)
0.157 (3,99)
0.012 (0,30)
0.008 (0,20)
12
A
24–PIN SHOWN
1
24
16
DIM
PINS **
A MIN
A MAX
0.004 (0,10)
0.010 (0,25)
0.069 (1,75) MAX
0.244 (6,20)
0.228 (5,80)
0.197
(5,00)
(4,78)
0.188
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,64)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com