Electronic Components Datasheet Search
  English  ▼

X  

HAS50-T033II Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAS50-T033II
Description  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAS50-T033II Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAS50-T033II Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAS50-T033II Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-16-
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
TRIPLE OUTPUT
VO1 @ ★
VO2 †
VO3 ●
MODEL NO.
TYP.
VOLT.
TYP.
VOLT.
TYP.
VOLT.
HAS50-T033EE
4.0A
+3.3V
2.0A
+5V
0.5A
-5V
HAS50-T033II
4.0A
+3.3V
1.0A
+12V
0.5A
-12V
HAS50-T033KK
4.0A
+3.3V
0.8A
+15V
0.5A
-15V
HAS50-T050II
3.5A
+5.0V
1.0A
+12V
0.5A
-12V
HAS50-T050KK
3.5A
+5.0V
0.8A
+15V
0.5A
-15V
HAS50-T050IE
3.5A
+5.0V
1.0A
+12V
0.5A
-5V
HAS50-T050MI
3.5A
+5.0V
0.5A
+24V
0.5A
-12V
Symbols: "★" OVP built-in.
"@" Adjustable.
"†" Stacked on main O/P.
"
●" Installed with Post Regulator (P.R.).
Note: (1) Max. (maximum load) is the continuous operating load of each rail,
but the max. load of each rail can not be drawn from all outputs at the same time.
(2) Peak output, less than 60 Sec. with duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 378.0g (13.3 Oz.)
DERATING CHART
DUAL OUTPUT
VO1 ★@
VO2●
MODEL NO.
TYP.
VOLT.
TYP
VOLT.
HAS50-D050E
3.0A
+5V
3.0A
-5V
HAS50-D050I
3.5A
+5V
2.0A
+12V
HAS50-D120I
2.0A
+12V
2.0A
-12V
HAS50-D150K
1.7A
+15V
1.7A
-15V
HAS50-D033E
3.5A
+3.3V
3.0A
-5V
PIN ASSIGNMENT
PIN NO.
DUAL
O/P(+VO2)
DUAL
O/P(-VO2)
TRIPLE
O/P
P1-L
L
L
L
P1-N
N
N
N
P1-G
G
G
G
P2-1
REMOTE
ON/OFF
REMOTE
ON/OFF
REMOTE
ON/OFF
P2-2
NC
-VO2
-VO3
P2-3
+VO2
NC
+VO2
P2-4
VO1
VO1
+VO1
P2-5
DC COM
DC COM
DC COM
P2-6
DC COM
DC COM
DC COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com