Electronic Components Datasheet Search
  English  ▼

X  

TCM320AC37CDW Datasheet(PDF) 9 Page - Texas Instruments

Part # TCM320AC37CDW
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37CDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCM320AC37CDW Datasheet HTML 5Page - Texas Instruments TCM320AC37CDW Datasheet HTML 6Page - Texas Instruments TCM320AC37CDW Datasheet HTML 7Page - Texas Instruments TCM320AC37CDW Datasheet HTML 8Page - Texas Instruments TCM320AC37CDW Datasheet HTML 9Page - Texas Instruments TCM320AC37CDW Datasheet HTML 10Page - Texas Instruments TCM320AC37CDW Datasheet HTML 11Page - Texas Instruments TCM320AC37CDW Datasheet HTML 12Page - Texas Instruments TCM320AC37CDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive idle channel noise and distortion, companded mode with
µ-law or A-law selected, over recommended
ranges of supply voltage and operating free-air temperature (see Note 9)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receive noise, psophometrically weighted
DIN = 11010101 (A-law)
–75
dB0p
Receive noise, C-message weighted
DIN = 11111111 (
µ-law)
5
dBrnc0
DIN to EARA and EARB at 0 dBm0 to – 18 dBm0
36
DIN to EARA and EARB at – 19 dBm0 to – 24 dBm0
34
Receive signal-to-distortion ratio with sine-wave input
DIN to EARA and EARB at – 25 dBm0 to – 30 dBm0
30
dB
DIN to EARA and EARB at – 31 dBm0 to – 38 dBm0
23
DIN to EARA and EARB at – 39 dBm0 to – 45 dBm0
17
NOTE 9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS is
connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.
receive idle channel noise and distortion, linear mode selected, over recommended ranges of supply voltage
and operating free-air temperature (see Notes 9 and 12)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receive noise, C-message weighted
DIN = 00000000
200
µVrms
DIN to EARA and EARB at 0 dBm0 to – 6 dBm0
50
DIN to EARA and EARB at – 7 dBm0 to – 12 dBm0
48
Receive signal to distortion ratio with sine wave input
DIN to EARA and EARB at – 13 dBm0 to – 18 dBm0
38
dB
Receive signal-to-distortion ratio with sine-wave input
DIN to EARA and EARB at – 19 dBm0 to – 24 dBm0
32
dB
DIN to EARA and EARB at – 25 dBm0 to – 40 dBm0
18
DIN to EARA and EARB at – 41 dBm0 to – 45 dBm0
15
Intermodulation, 2-tone CCITT distortion method,
CCITT G.712 (7.1), R2
50
dB
composite power level – 13 dBm0
CCITT G.712 (7.2), R3
54
dB
NOTES:
9. Receive output is measured differentially in the maximum gain configuration. To set the output amplifier for maximum gain, EARGS
is connected to EARB and the output is taken between EARA and EARB. All output levels are (sin x)/x corrected.
12. Receive noise, linear mode: 200
µVrms is equivalent to –71 dB (referenced to device 0-dB level).
power supply rejection and crosstalk attenuation over recommended ranges of supply voltage and
operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply voltage rejection, transmit channel
Idle channel, supply signal = 100 mVrms,
f = 0 to 30 kHz (measured at DOUT)
–30
dB
Supply voltage rejection, receive channel
Idle channel, supply signal = 100 mVrms,
EARGS connected to EARB,
f = 0 to 30 kHz (measured differentially between EARA
and EARB)
–30
dB
Crosstalk attenuation, transmit-to-receive
(differential)
MICIN = 0 dB, f = 1.02 kHz, unity transmit gain,
EARGS connected to EARB,
measured differentially between EARA and EARB
68
dB
Crosstalk attenuation, receive-to-transmit
DIN = 0 dBm0, f = 1.02 kHz, unity transmit
gain, measured at DOUT
68
dB
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com