Electronic Components Datasheet Search
  English  ▼

X  

HEP103 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HEP103
Description  HARMONIC CORRECTION (PFC) AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 95-103 WATTS SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HEP103 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HEP103 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HEP103 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-52-
MODEL NO. DESCRIPTION: HEP103 - X X X Y Y Y
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NO. (HiTRON External Switcher): About 103W.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
5.0Vdc ≤ Any Voltage ≤ 48.0 Vdc
5.0-5.9V/16.0-14.1A, 6.0-6.9V/14.0-12.8A, 7.0-7.9V/12.7-11.8A,
8.0-8.9V/11.7-11.0A, 9.0-10.0V/11.0-10.0A, 10.1-11.9V/9.9-8.5A,
12.0-12.5V/8.5-8.0A, 12.6-13.0V/8.0-7.8A, 13.1-13.9V/7.7-7.3A,
14.0-14.9V/7.2-6.8A, 15.0-15.9V/6.8-6.3A, 16.0-17.9V/6.3-5.7A,
18.0-20.9V/5.6-4.8A, 21.0-23.0V/4.8-4.4A, 23.1-24.0V/4.4-4.2A,
48.0V/2.1A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for example)
MODEL NO.
O/P VOLTAGE (Vdc)
O/P CURRENT (A)
HEP103-050160
5.0V
16.0A
HEP103-060140
6.0V
14.0A
HEP103-090110
9.0V
11.0A
HEP103-120085
12.0V
8.5A
HEP103-150068
15.0V
6.8A
HEP103-180056
18.0V
5.6A
HEP103-240042
24.0V
4.2A
HEP103-480021
48.0V
2.1A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 777g (27.4 Oz.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com