Electronic Components Datasheet Search
  English  ▼

X  

HES49 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES49
Description  AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES49 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES49 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES49 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-3-
H HiTRON
AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER
UNIVERSAL INPUT SINGLE OUTPUT 45-50 WATTS
SWITCHING POWER SUPPLIES HES49 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
DESKTOP IEC320-2P/3P AC RECEPTACLE
MEET MEDICAL STANDARDS EN60601-1/
UL2601-1
EMI MEET EN 55011/ FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 45-50Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1% typical.
Load Regulation: ±1.5-3.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in by latch circuit.
Adjustability: Factory set.
Over Current Protection (OCP): Installed.
Current limiting can be set precisely as per request.
Overload Protection(OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 85-87% typical.
Switching Frequency: 85-110K Hz typical.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: Meet Medical standards UL2601-1/
EN60601-1, Class I for DT7 or Class II for DT8 type.
Power Density: 3.3Watts. / Cubic inch.
Operating Temperature: 0°C to room temperature.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m)cord AWG#18 wires.
(4)
Due to requests in market and advances in technology, specifications subject to change without notice.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 or 2P DT8
AC input receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 32A @230Vac.
Input Current: 0.79A@115Vac & 0.37A @230Vac.
Dielectric Withstand: Meet IEC60601-1.
EMI: Meet EN55011 / FCC Class B.
Hold-up Time: 15mS @115Vac typical.
60mS @230Vac typical.
Over Temp. Protection: Optional (NTC ckt.).
Earth Leakage: Less than 0.1 mA.
For the details of safety approval, please consult the factory.


Similar Part No. - HES49

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HES401G450V3L CDE-HES401G450V3L Datasheet
198Kb / 2P
Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES402G450X5L CDE-HES402G450X5L Datasheet
198Kb / 2P
Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES412G400X5C CDE-HES412G400X5C Datasheet
198Kb / 2P
Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES412G400X5C CDE-HES412G400X5C Datasheet
1,023Kb / 3P
105 쨘C High Energy Screw Terminal Aluminum Electrolytic
HES442G350X4L CDE-HES442G350X4L Datasheet
198Kb / 2P
Type HES 105 쨘C High Energy Screw Terminal Aluminum Electrolytic
More results

Similar Description - HES49

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES22 TOTAL-POWER-TPES22 Datasheet
325Kb / 2P
UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
TPES49 TOTAL-POWER-TPES49 Datasheet
277Kb / 2P
UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES TPES49 SERIES
logo
HITRON ELECTRONICS CORP...
HES51 HITRON-HES51 Datasheet
484Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HEMG75 HITRON-HEMG75 Datasheet
81Kb / 2P
AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HEMP100G HITRON-HEMP100G Datasheet
80Kb / 2P
HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES22 HITRON-HES22 Datasheet
99Kb / 2P
AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com