Electronic Components Datasheet Search
  English  ▼

X  

HES65 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES65
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES65 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES65 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES65 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-36-
MODEL NO. DESCRIPTION: HES65 - X X X Y Y Y - S
AC TYPE: NONE FOR DT7, [8] FOR DT8
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher): About 65W
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT (Model No. for example)
MODEL NO.
AC PLUG
O/P VOLTAGE
O/P CURRENT
HES65-033750
DT7
3.3Vdc
7.50A
HES65-033750-8
DT8
3.3Vdc
7.50A
HES65-050700
DT7
5.0Vdc
7.00A
HES65-050700-8
DT8
5.0Vdc
7.00A
HES65-090600
DT7
9.0Vdc
6.00A
HES65-090600-8
DT8
9.0Vdc
6.00A
HES65-120520
DT7
12.0Vdc
5.20A
HES65-120520-8
DT8
12.0Vdc
5.20A
HES65-150430
DT7
15.0Vdc
4.30A
HES65-150430-8
DT8
15.0Vdc
4.30A
HES65-180360
DT7
18.0Vdc
3.60A
HES65-180360-8
DT8
18.0Vdc
3.60A
HES65-196340
DT7
19.6Vdc
3.40A
HES65-196340-8
DT8
19.6Vdc
3.40A
HES65-240290
DT7
24.0Vdc
2.90A
HES65-240290-8
DT8
24.0Vdc
2.90A
HES65-360185
DT7
36.0Vdc
1.85A
HES65-360185-8
DT8
36.0Vdc
1.85A
HES65-480140
DT7
48.0Vdc
1.40A
HES65-480140-8
DT8
48.0Vdc
1.40A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 320.0g (11.30 Oz.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com