Electronic Components Datasheet Search
  English  ▼

X  

THS10064CDA Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064CDA
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064CDA Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS10064CDA Datasheet HTML 29Page - Texas Instruments THS10064CDA Datasheet HTML 30Page - Texas Instruments THS10064CDA Datasheet HTML 31Page - Texas Instruments THS10064CDA Datasheet HTML 32Page - Texas Instruments THS10064CDA Datasheet HTML 33Page - Texas Instruments THS10064CDA Datasheet HTML 34Page - Texas Instruments THS10064CDA Datasheet HTML 35Page - Texas Instruments THS10064CDA Datasheet HTML 36Page - Texas Instruments THS10064CDA Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
20
30
40
50
60
70
80
90
012
34
567
TOTAL HARMONIC DISTORTION
vs
SAMPLING FREQUENCY (DIFFERENTIAL)
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –0.5 dB FS
fs – Sampling Frequency – MHz
Figure 26
20
30
40
50
60
70
80
012
34
567
SIGNAL-TO-NOISE AND DISTORTION
vs
SAMPLING FREQUENCY (DIFFERENTIAL)
fs – Sampling Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –0.5 dB FS
Figure 27
40
50
60
70
80
90
100
012
34
567
SPURIOUS FREE DYNAMIC RANGE
vs
SAMPLING FREQUENCY (DIFFERENTIAL)
fs – Sampling Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –0.5 dB FS
Figure 28
SIGNAL-TO-NOISE
vs
SAMPLING FREQUENCY (DIFFERENTIAL)
fs – Sampling Frequency – MHz
20
30
40
50
60
70
80
012
34
567
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –0.5 dB FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com