Electronic Components Datasheet Search
  English  ▼

X  

HES102 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES102
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES102 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES102 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES102 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-44-
MODEL NO. DESCRIPTION: HES102 - X X X Y Y Y
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NO. (HiTRON External Switcher): About 100W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
AC PLUG
O/P VOLTAGE
O/P CURRENT
HES102-033170
DT7
3.3Vdc
17.0A
HES102-050150
DT7
5.0Vdc
15.0A
HES102-060140
DT7
6.0Vdc
14.0A
HES102-090100
DT7
9.0Vdc
10.0A
HES102-120085
DT7
12.0Vdc
8.5A
HES102-135075
DT7
13.5Vdc
7.5A
HES102-150068
DT7
15.0Vdc
6.8A
HES102-240042
DT7
24.0Vdc
4.2A
HES102-280036
DT7
28.0Vdc
3.6A
HES102-360028
DT7
36.0Vdc
2.8A
HES102-480021
DT7
48.0Vdc
2.1A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 746.6g(26.33 Oz.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com