Electronic Components Datasheet Search
  English  ▼

X  

HID35 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HID35
Description  UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HID35 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HID35 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HID35 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-28-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 370.0g(13.04 Oz.)
SINGLE OUTPUT
MAIN VO1 @
MODEL NO.
Typ.
Volt.
Peak
HID35-S050060
6.0A
5.0V
6.0A
HID35-S120030
3.0A
12.0V
3.0A
HID35-S240012
1.2A
24.0V
1.4A
HID35-S480008
0.8A
48.0V
0.9A
Symbol: "@"Adjustable. " " OVP built-in .
Remark: Peak load less than 60 sec. with duty cycle <10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL
AC-GROUND
VO1
DC COM
CNTR & PIN #
P1-3(L)
P1-2(N)
P1-1(G)
P2-1
P2-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com