Electronic Components Datasheet Search
  English  ▼

X  

THS1050PHP Datasheet(PDF) 15 Page - Texas Instruments

Part # THS1050PHP
Description  10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1050PHP Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS1050PHP Datasheet HTML 11Page - Texas Instruments THS1050PHP Datasheet HTML 12Page - Texas Instruments THS1050PHP Datasheet HTML 13Page - Texas Instruments THS1050PHP Datasheet HTML 14Page - Texas Instruments THS1050PHP Datasheet HTML 15Page - Texas Instruments THS1050PHP Datasheet HTML 16Page - Texas Instruments THS1050PHP Datasheet HTML 17Page - Texas Instruments THS1050PHP Datasheet HTML 18Page - Texas Instruments THS1050PHP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
THS1050
10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS278 – APRIL 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
CLK+
VCM
THS1050
CLK–
Impedance Ratio = 1:4
3 V p-p
to
5 V p-p
0.01
µF
0.1
µF
T4-1H
Zo
R = 4 Zo
0.1
µF
R = Zo
ac Signal Source
Figure 20. Driving the Clock From an Impedance Matched Source
The clock signals, CLK+ and CLK–, should be well matched and must both be driven.
A transformer ensures minimal skew between the two complementary channels. However, skew levels of up
to 500 ps between CLK+ and CLK– can be tolerated with some performance degradation.
The clock input can also be driven differentially with a 5 V TTL signal by using an RF transformer to convert the
TTL signal to a differential signal. The TTL signal is ac-coupled to the positive primary terminal with a high pass
circuit. The negative terminal of the transformer is connected to ground (see Figure 21). The transformer
secondary is connected to the CLK inputs.
CLK+
CLK–
VCM
THS1050
0.01
µF
0.1
µF
5 V TTL CLK
0.1
µF
Impedance Ratio = 1:4
T4 - 1H
Figure 21. TTL Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com