Electronic Components Datasheet Search
  English  ▼

X  

THS1060C Datasheet(PDF) 3 Page - Texas Instruments

Part # THS1060C
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060C Datasheet(HTML) 3 Page - Texas Instruments

  THS1060C Datasheet HTML 1Page - Texas Instruments THS1060C Datasheet HTML 2Page - Texas Instruments THS1060C Datasheet HTML 3Page - Texas Instruments THS1060C Datasheet HTML 4Page - Texas Instruments THS1060C Datasheet HTML 5Page - Texas Instruments THS1060C Datasheet HTML 6Page - Texas Instruments THS1060C Datasheet HTML 7Page - Texas Instruments THS1060C Datasheet HTML 8Page - Texas Instruments THS1060C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
2, 5, 12
43, 45, 47
I
Analog power supply
AVSS
1, 11, 13,
41, 42, 44,
46
I
Analog ground return for internal analog circuitry
CLK+
15
I
Clock input
CLK–
16
I
Complementary clock input
D9–D0
25–34
O
Digital data output bits; LSB= D0, MSB = D9 (2s complement output format)
DRVDD
24, 37, 38
I
Digital output driver supply
DRVSS
23, 39, 40
I
Digital output driver ground return
DVDD
17, 20, 22
I
Positive digital supply
DVSS
18, 19, 21
I
Digital ground return
VBG
10
O
Band gap reference. Bypass to ground with a 1
µF and a 0.01 µF chip capacitor.
VCM
48
O
Common mode voltage output. Bypass to ground with a 0.1
µF and a 0.01 µF chip device capacitor.
VIN+
3
I
Analog signal input
VIN–
4
I
Complementary analog signal input
VREFIN –
7
I
External reference input low
VREFIN+
8
I
External reference input high
VREFOUT+
9
O
Internal reference output. Compensate with a 1
µF and a 0.01 µF chip capacitor.
VREFOUT –
6
O
Internal reference output. Compensate with a 1
µF and a 0.01 µF chip capacitor.
detailed description
The THS1060 uses a differential pipeline architecture and assures no missing codes over the full operating
temperature range. The device uses a 1 bit per stage architecture in order to achieve the highest possible
bandwidth. The differential analog inputs are terminated with a 900
Ω resistor. The inputs are then fed to a unity
gain buffer followed by the S/H (sample and hold) stage. This S/H stage is a switched capacitor op-amp based
circuit, see Figure 3. The pipeline is a typical 1 bit per stage pipeline as shown in the functional block diagram.
The digital output of the 10 stages and the last 1 bit flash are sent to a digital correction logic block which then
outputs the final 10 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com