| Electronic Components Datasheet Search |
|
THS12082DA Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS12082DA Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 38 page ![]() THS12082 12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS SLAS271 – MAY 2000 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 reading data from the FIFO (continued) In Figure 8, a trigger level of 14 is selected. The control signal DATA_AV is set to an active low pulse. This means that the connected processor has the task to read 14 values from the ADC after every DATA_AV low pulse. CONV_CLK DATA_AV READ Figure 8. Trigger Level 14 Selected READ is always the logical combination of CS0, CS1 and RD. ADC control register The THS12082 contains two 10-bit wide control registers (CR0, CR1) in order to program the device into the desired mode. The bit definitions of both control registers are shown in Table 7. Table 7. Bit Definitions of Control Register CR0 and CR1 BIT BIT 9 BIT 8 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 CR0 TEST1 TEST0 SCAN DIFF1 DIFF0 CHSEL1 CHSEL0 PD MODE VREF CR1 RBACK OFFSET BIN/2’s R/W DATA_P DATA_T TRIG1 TRIG0 OVFL/FRST RESET writing to control register 0 and control register 1 The 10-bit wide control register 0 and control register 1 can be programmed by addressing the desired control register and writing the register value to the ADC. The addressing is performed with the upper data bits D10 and D11, which function in this case as address lines RA0 and RA1. During this write process, the data bits D0 to D9 contain the desired control register value. Table 8 shows the addressing of each control register. Table 8. Control Register Addressing D0 – D9 D10/RA0 D11/RA1 Addressed Control Register Desired register value 0 0 Control register 0 Desired register value 1 0 Control register 1 Desired register value 0 1 Reserved for future Desired register value 1 1 Reserved for future |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |