Electronic Components Datasheet Search
  English  ▼

X  

THS12082IDA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS12082IDA
Description  12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS12082IDA Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS12082IDA Datasheet HTML 17Page - Texas Instruments THS12082IDA Datasheet HTML 18Page - Texas Instruments THS12082IDA Datasheet HTML 19Page - Texas Instruments THS12082IDA Datasheet HTML 20Page - Texas Instruments THS12082IDA Datasheet HTML 21Page - Texas Instruments THS12082IDA Datasheet HTML 22Page - Texas Instruments THS12082IDA Datasheet HTML 23Page - Texas Instruments THS12082IDA Datasheet HTML 24Page - Texas Instruments THS12082IDA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
THS12082
12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
SLAS271 – MAY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DATA_AV type
Bit 4 and bit 5 (DATA_T, DATA_P) of control register 1 are used to program the signal DATA_AV. Bit 4 of
control register 1 determines whether the DATA_AV signal is static or a pulse. Bit 5 of the control register
determines the polarity of DATA_AV. This is shown in Table 14.
Table 14. DATA_AV Type
BIT 5
DATA_P
BIT 4
DATA_T
DATA_AV TYPE
0
0
Active low level
0
1
Active low pulse
1
0
Active high level
1
1
Active high pulse
The signal DATA_AV is set to active when the trigger condition is satisfied. It is set back inactive independent
of the DATA_T selection (pulse or level).
If level mode is chosen, DATA_AV is set inactive after the first of the TL (TL = trigger level) reads (with the falling
edge of READ). The trigger condition is checked again after TL reads.
If pulse mode is chosen, the signal DATA_AV is a pulse with a width of one half of a CONV_CLK cycle in
continuous conversion mode and one half of a clock cycle of the internal oscillator in single conversion mode.
When the TL values previously written into the FIFO were read out by the processor, the next DATA_AV pulse
(when the trigger condition is satisfied) is sent out first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com