Electronic Components Datasheet Search
  English  ▼

X  

CSS-5161B7 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSS-5161B7
Description  0.50 Inch Single Digit Alphanumeric Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-5161B7 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSS-5161B7 Datasheet HTML 1Page - China Semiconductor Corporation CSS-5161B7 Datasheet HTML 2Page - China Semiconductor Corporation CSS-5161B7 Datasheet HTML 3Page - China Semiconductor Corporation CSS-5161B7 Datasheet HTML 4Page - China Semiconductor Corporation CSS-5161B7 Datasheet HTML 5Page - China Semiconductor Corporation CSS-5161B7 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
3.2
4
V
IF=20mA
Iv
-
15
-
mcd
IF=10mA
e
-
470
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2 1
-
IF=20mA
Page
3/5
http://www.csctw.com.tw
A
PS-ND-0712
Model No CSS-5160B7/5161B7
Parameter
Forward Voltage Per
Segment
Luminous Intensity
Per Segment
Reverse Current
Dominant
Wavelength
Luminous Intensity
Matching Ratio
Spectrum Radiation
Bandwidth



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com