Electronic Components Datasheet Search
  English  ▼

X  

THS4032D Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4032D
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4032D Datasheet(HTML) 2 Page - Texas Instruments

  THS4032D Datasheet HTML 1Page - Texas Instruments THS4032D Datasheet HTML 2Page - Texas Instruments THS4032D Datasheet HTML 3Page - Texas Instruments THS4032D Datasheet HTML 4Page - Texas Instruments THS4032D Datasheet HTML 5Page - Texas Instruments THS4032D Datasheet HTML 6Page - Texas Instruments THS4032D Datasheet HTML 7Page - Texas Instruments THS4032D Datasheet HTML 8Page - Texas Instruments THS4032D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Vn
In
1
10
100
1 k
10
f – Frequency – Hz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
20
10 k
100 k
VCC = ± 15 V AND ± 5 V
TA = 25°C
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER
OF
PLASTIC
SMALL
PLASTIC MSOP† (DGN)
CERAMIC DIP
CHIP
CARRIER
EVALUATION
MODULE
CHANNELS
OUTLINE†
(D)
DEVICE
SYMBOL
(JG)
CARRIER
(FK)
MODULE
0
°Cto70°C
1
THS4031CD
THS4031CDGN
TIACM
—
—
THS4031EVM
0
°C to 70°C
2
THS4032CD
THS4032CDGN
TIABD
—
—
THS4032EVM
40
°Cto85°C
1
THS4031ID
THS4031IDGN
TIACN
—
—
—
–40
°C to 85°C
2
THS4032ID
THS4032IDGN
TIABG
—
—
—
–55
°C to 125°C
1
—
—
—
THS4031MJG
THS4031MFK
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4031CDGNR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com