Electronic Components Datasheet Search
  English  ▼

X  

THS5641 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS5641
Description  8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5641 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS5641 Datasheet HTML 6Page - Texas Instruments THS5641 Datasheet HTML 7Page - Texas Instruments THS5641 Datasheet HTML 8Page - Texas Instruments THS5641 Datasheet HTML 9Page - Texas Instruments THS5641 Datasheet HTML 10Page - Texas Instruments THS5641 Datasheet HTML 11Page - Texas Instruments THS5641 Datasheet HTML 12Page - Texas Instruments THS5641 Datasheet HTML 13Page - Texas Instruments THS5641 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
THS5641
8-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS199A – MAY 1999 REVISED JUNE 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
48
54
60
66
72
78
0
5
10
15
20
25
Figure 13
SPURIOUS FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
Fout – MHz
DIFFERENTIAL OUTPUT
@ 25 MSPS
SINGLE-ENDED
OUTPUT IOUT1
@ 25 MSPS
AVDD = 3.3 V
DVDD = 3.3 V
SINGLE-ENDED
OUTPUT IOUT1
@ 50 MSPS
DIFFERENTIAL OUTPUT
@ 50 MSPS
42
45
48
51
54
0
5
10
15
20
25
Figure 14
SIGNAL-TO-NOISE AND DISTORTION RATIO
vs
OUTPUT FREQUENCY
Fout – MHz
DIFFERENTIAL OUTPUT
@ 25 MSPS
SINGLE-ENDED
OUTPUT IOUT1
@ 25 MSPS
AVDD = 3.3 V
DVDD = 3.3 V
SINGLE-ENDED
OUTPUT IOUT1
@ 50 MSPS
DIFFERENTIAL
OUTPUT @ 50
MSPS
Figure 15
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
Frequency – MHz
OUTPUT SPECTRUM FOR Fout = 5 MHz AND Fclock = 50 MSPS
AVDD = 5 V
DVDD = 5 V
† AVDD and DVDD specified for each chart seperately, IOUTFS = 20 mA, single-ended output IOUT1, 50 Ω doubly terminated load, TA = 25°C
(unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com