Electronic Components Datasheet Search
  English  ▼

X  

THS4031CD Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031CD
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031CD Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4031CD Datasheet HTML 28Page - Texas Instruments THS4031CD Datasheet HTML 29Page - Texas Instruments THS4031CD Datasheet HTML 30Page - Texas Instruments THS4031CD Datasheet HTML 31Page - Texas Instruments THS4031CD Datasheet HTML 32Page - Texas Instruments THS4031CD Datasheet HTML 33Page - Texas Instruments THS4031CD Datasheet HTML 34Page - Texas Instruments THS4031CD Datasheet HTML 35Page - Texas Instruments THS4031CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
THS4031, THS4032
100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS224C – JULY 1999 – REVISED APRIL 2000
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD
™ design considerations (continued)
Figure 59
Package With
θJA ≤ 60°C/W
SO-8 Package
θJA = 98°C/W
High-K Test PCB
VCC = ± 5 V
TJ = 150°C
TA = 50°C
Both Channels
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | – RMS Output Voltage – V
Maximum Output
Current Limit Line
THS4032
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
Safe Operating Area
Figure 60
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
| VO | – RMS Output Voltage – V
VCC = ± 15 V
TJ = 150°C
TA = 50°C
Both Channels
THS4032
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
1
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
DGN Package
θJA = 58.4°C/W
Safe Operating Area
SO-8 Package
θJA = 98°C/W
High-K Test PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com