Electronic Components Datasheet Search
  English  ▼

X  

THS4042CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4042CD
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4042CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4042CD Datasheet HTML 5Page - Texas Instruments THS4042CD Datasheet HTML 6Page - Texas Instruments THS4042CD Datasheet HTML 7Page - Texas Instruments THS4042CD Datasheet HTML 8Page - Texas Instruments THS4042CD Datasheet HTML 9Page - Texas Instruments THS4042CD Datasheet HTML 10Page - Texas Instruments THS4042CD Datasheet HTML 11Page - Texas Instruments THS4042CD Datasheet HTML 12Page - Texas Instruments THS4042CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 30
–40
–50
–60
–70
–100
–80
–90
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
20M
10M
100k
1M
3rd Harmonic
2nd Harmonic
VCC = ±5 V
Gain = 2
RL = 1 kΩ
VO(pp) = 2 V
Figure 31
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 150 Ω
f = 1 MHz
–40
–50
–70
–90
0
5
10
15
20
–80
–60
Figure 32
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
2nd Harmonic
3rd Harmonic
VCC = ±15 V
Gain = 5
RL = 1 kΩ
f = 1 MHz
–50
–60
–70
–80
–100
5
010
15
20
–90
Figure 33
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
VCC = ±15 V
VCC = ±5 V
Figure 34
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-NTSC Modulation
Worst Case
±100 IRE Ramp
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.3
0.2
12
3
Number of 150-
Ω Loads
0.1
0
0.4
0.5
VCC = ±15 V
VCC = ±5 V
0.6
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.15
°
0.1
°
12
3
Number of 150-
Ω Loads
0.05
°
0
°
0.2
°
0.25
°
VCC = ±15 V
VCC = ±5 V
0.35
°
0.3
°
0.4
°
Gain = 2
RF = 1.3 kΩ
40 IRE-PAL Modulation
Worst Case
±100 IRE Ramp
Figure 37
f – Frequency – Hz
1G
10M
100k
1M
100M
CLOSED-LOOP
OUTPUT IMPEDANCE
vs
FREQUENCY
100
10
1
0.1
VCC = ±5 V & ±15 V
Gain = 2
RF = 1 kΩ
Figure 38
PSRR
vs
FREQUENCY
f – Frequency – Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
+VCC & –VCC Responses
50
60
70
80
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com