Electronic Components Datasheet Search
  English  ▼

X  

2489 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2489
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2489 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2489 Datasheet HTML 1Page - KR Electronics, Inc. 2489 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 500.000 000 MHz
PRm
28 Aug 2003 11:22:18
CH1
S 21
log MAG
.25 dB/
REF 0 dB
START
.100 000 MHz
STOP 36.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 75 ns
5 ns/
Cor
Smo
PRm
28 Aug 2003 11:19:30
1
1
1_:-.7830 dB
33.000 000 MHz
2
1
1_ 81.146 ns
KR 2489 Lowpass Filter
KR 2489 is a group delay equalized lowpass filters. The fil-
ter’s flat passband response and group delay equalization
make it a good choice for video applications.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Flat passband response
• Group delay equalized
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.25 dB/div & 5 nsec/div) 100 KHz to 36 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div) 100 KHz to 500 MHz


Similar Part No. - 2489

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2489 ETC-2489 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Keystone Electronics Co...
2489 KEYSTONE-2489 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
KR Electronics, Inc.
2489-1 KR-2489-1 Datasheet
21Kb / 2P
Notch Filter
2489-2 KR-2489-2 Datasheet
18Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
More results

Similar Description - 2489

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com