| Electronic Components Datasheet Search |
|
THS4601CDDA Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4601CDDA Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 27 page ![]() THS4601 SLOS388B – OCTOBER 2001 – REVISED JUNE 2002 17 www.ti.com APPLICATION INFORMATION alternative transimpedance configurations Other transimpedance configurations are possible. Three possibilities are shown below. The first configuration is a slight modification of the basic transimpedance circuit. By splitting the feedback resistor, the feedback capacitor value becomes more manageable and easier to control. This type of compensation scheme is useful when the feedback capacitor required in the basic configuration becomes so small that the parasitic effects of the board and components begin to dominate the total feedback capacitance. By reducing the resistance across the capacitor, the capacitor value can be increased. This mitigates the dominance of the parasitic effects. _ + CF RF2 RL RF1 –VBias λ NOTE: Splitting the feedback resistor enables use of a larger, more manageable feedback capacitor. Figure 33. Alternative Transimpedance Configuration #1 The second configuration uses a resistive T-network to achieve very high transimpedance gains using relatively small resistor values. This topology can be very useful when the desired transimpedance gain exceeds the value of available resistors. The transimpedance gain is given by equation 3. R EQ + R F1 1 ) R F2 R F3 _ + CF RF2 RL RF1 –VBias RF3 λ NOTE: A resistive T-network enables high transimpedance gain with reasonable resistor values. Figure 34. Alternative Transimpedance Configuration #2 (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |