Electronic Components Datasheet Search
  English  ▼

X  

THS5661IPW Datasheet(PDF) 15 Page - Texas Instruments

Part # THS5661IPW
Description  12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5661IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS5661IPW Datasheet HTML 11Page - Texas Instruments THS5661IPW Datasheet HTML 12Page - Texas Instruments THS5661IPW Datasheet HTML 13Page - Texas Instruments THS5661IPW Datasheet HTML 14Page - Texas Instruments THS5661IPW Datasheet HTML 15Page - Texas Instruments THS5661IPW Datasheet HTML 16Page - Texas Instruments THS5661IPW Datasheet HTML 17Page - Texas Instruments THS5661IPW Datasheet HTML 18Page - Texas Instruments THS5661IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
THS5661
12-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS200A – MAY 1999 – REVISED JULY 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
CLK
D[11:0]
DAC
Output
(IOUT1 or
IOUT2)
tw(LPH)
td(D)
0.1%
0.1%
50%
th(D)
Valid Data
tsu(D)
tpd
ts(DAC)
1/fCLK
50%
tr(IOUT)
90%
10%
50%
50%
50%
50%
50%
Figure 23. Timing Diagram
Table 1. Input Interface Modes
MODE 0
MODE 1
FUNCTION/MODE
MODE PIN CONNECTED TO
DGND
MODE PIN CONNECTED TO
DVDD
Input code format
Binary
Twos complement
External
Digital in
Internal
Digital in
DVDD
Figure 24. Digital Equivalent Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com