Electronic Components Datasheet Search
  English  ▼

X  

THS6012 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS6012 Datasheet HTML 25Page - Texas Instruments THS6012 Datasheet HTML 26Page - Texas Instruments THS6012 Datasheet HTML 27Page - Texas Instruments THS6012 Datasheet HTML 28Page - Texas Instruments THS6012 Datasheet HTML 29Page - Texas Instruments THS6012 Datasheet HTML 30Page - Texas Instruments THS6012 Datasheet HTML 31Page - Texas Instruments THS6012 Datasheet HTML 32Page - Texas Instruments THS6012 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
THS6012
500-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS226C– SEPTEMBER 1998 – REVISED FEBRUARY 2000
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
ADSL
The THS6012 was primarily designed as a line driver and line receiver for ADSL (asymmetrical digital subscriber
line). The driver output stage has been sized to provide full ADSL power levels of 20 dBm onto the telephone
lines. Although actual driver output peak voltages and currents vary with each particular ADSL application, the
THS6012 is specified for a minimum full output current of 400 mA at its full output voltage of approximately 12
V. This performance meets the demanding needs of ADSL at the central office end of the telephone line. A typical
ADSL schematic is shown in Figure 47.
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI+
_
+
6.8
µF
0.1
µF
–15 V
6.8
µF
0.1
µF
15 V
1 k
Ω
1 k
Ω
+
+
VI–
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
12.5
Ω
+
–
1 k
Ω
0.1
µF
1 k
Ω
2 k
Ω
1:2
Telephone Line
12.5
Ω
–15 V
15 V
15 V
–15 V
0.01
µF
THS6062
THS6062
VO+
VO–
THS6012
Driver 1
THS6012
Driver 2
100
Ω
Figure 47. THS6012 ADSL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com