Electronic Components Datasheet Search
  English  ▼

X  

THS6012 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS6012 Datasheet HTML 25Page - Texas Instruments THS6012 Datasheet HTML 26Page - Texas Instruments THS6012 Datasheet HTML 27Page - Texas Instruments THS6012 Datasheet HTML 28Page - Texas Instruments THS6012 Datasheet HTML 29Page - Texas Instruments THS6012 Datasheet HTML 30Page - Texas Instruments THS6012 Datasheet HTML 31Page - Texas Instruments THS6012 Datasheet HTML 32Page - Texas Instruments THS6012 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
As the previous equations show, to keep noise at a minimum, small value resistors should be used. As the
closed-loop gain is increased (by reducing RG), the input noise is reduced considerably because of the parallel
resistance term. This leads to the general conclusion that the most dominant noise sources are the source
resistor (RS) and the internal amplifier noise voltage (en). Because noise is summed in a root-mean-squares
method, noise sources smaller than 25% of the largest noise source can be effectively ignored. This can greatly
simplify the formula and make noise calculations much easier to calculate.
This brings up another noise measurement usually preferred in RF applications, the noise figure (NF). Noise
figure is a measure of noise degradation caused by the amplifier. The value of the source resistance must be
defined and is typically 50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
The Figure 55 shows the noise figure graph for the THS6002.
NOISE FIGURE
vs
SOURCE RESISTANCE
18
14
0
20
16
12
Rs – Source Resistance – Ω
10
100
1k
10k
TA = 25°C
8
4
10
6
2
Figure 55. Noise Figure vs. Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com