Electronic Components Datasheet Search
  English  ▼

X  

THS4041CDR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS4041CDR
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041CDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS4041CDR Datasheet HTML 11Page - Texas Instruments THS4041CDR Datasheet HTML 12Page - Texas Instruments THS4041CDR Datasheet HTML 13Page - Texas Instruments THS4041CDR Datasheet HTML 14Page - Texas Instruments THS4041CDR Datasheet HTML 15Page - Texas Instruments THS4041CDR Datasheet HTML 16Page - Texas Instruments THS4041CDR Datasheet HTML 17Page - Texas Instruments THS4041CDR Datasheet HTML 18Page - Texas Instruments THS4041CDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
This brings up another noise measurement usually preferred in RF applications, the noise figure (NF). Noise
figure is a measure of noise degradation caused by the amplifier. The value of the source resistance must be
defined and is typically 50
Ω in RF applications.
NF
+ 10log
e
2
ni
e
Rs
2
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
Figure 64 shows the noise figure graph for the THS404x.
0
5
10
15
20
25
30
35
40
NOISE FIGURE
vs
SOURCE RESISTANCE
Source Resistance –
Ω
100
1k
10k
10
100k
f = 10 kHz
TA = 25°C
Figure 64. Noise Figure vs Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com