Electronic Components Datasheet Search
  English  ▼

X  

THS6032 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS6032
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6032 Datasheet(HTML) 2 Page - Texas Instruments

  THS6032 Datasheet HTML 1Page - Texas Instruments THS6032 Datasheet HTML 2Page - Texas Instruments THS6032 Datasheet HTML 3Page - Texas Instruments THS6032 Datasheet HTML 4Page - Texas Instruments THS6032 Datasheet HTML 5Page - Texas Instruments THS6032 Datasheet HTML 6Page - Texas Instruments THS6032 Datasheet HTML 7Page - Texas Instruments THS6032 Datasheet HTML 8Page - Texas Instruments THS6032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
THS6032
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
SLOS233C – APRIL1999 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The class-G architecture supplies current to the load from four supplies. For low output voltages (typically
– 2.5 < VO < +2.5), some of the output current is supplied from the +VCC(L) and –VCC(L) supplies (typically ±5 V).
For large output voltages (typically VO < –2.5 and VO > +2.5), the output current is supplied from +VCC(H) and
–VCC(H) (typically ±15 V). This current sharing between VCC(L) and VCC(H) minimizes power dissipation within
the THS6032 output stages for high crest factor ADSL signals.
The THS6032 features a low-impedance shutdown mode, which allows the central office to receive incoming
calls even after the device has been shut down. The THS6032 is available packaged in the patented PowerPAD
package. This package provides outstanding thermal characteristics in a small-footprint surface-mount
package, which is fully compatible with automated surface-mount assembly procedures. It is also available in
the new MicoStar Junior BGA package. This package is only 25 mm2 in area, allowing for high density PCB
designs.
Shutdown (SHDN1 and SHDN2) allows for powering down the internal circuitry for power conservation or for
multiplexing. Separate shutdown controls are available for each channel on the THS6032. The control levels
are TTL compatible. When turned off, each driver output is placed in a low impedance state which is determined
by the voltage at DGND. This virtual ground at the outputs allows proper termination of a transmission line.
AVAILABLE OPTIONS
PACKAGED DEVICES
PACKAGED DEVICES
TA
PowerPAD PLASTIC SMALL OUTLINE
(DWP)
MicroStar Junior (BGA)
(GQE)
EVALUATION MODULES
0
°C to 70°C
THS6032CDWP
THS6032CGQE
THS6032EVM
THS6032GQE EVM‡
–40
°C to 85°C
THS6032IDWP
THS6032IGQE
—
† The THS6032 is available taped and reeled. Add an R suffix to the device type (i.e.,THS6032CDWPR)
‡ Uses the THS6032CGQE packaging option.
Terminal Functions
TERMINAL
NAME
DWP PACKAGE
TERMINAL NO.
GQE PACKAGE
TERMINAL NO.
1OUT
3
B1
1IN–
5
F1
1IN+
6
H1
2OUT
18
B9
2IN–
16
F9
2IN+
15
H9
VCCH–
2
A3
VCCH+
19
A7
VCCL–
4
D1
VCCL+
17
D9
SHDN1
8
J2
SHDN2
9
J4
DGND
12
J7
PAD
1, 10, 11, 20
N/A
NC
7, 13, 14
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com