Electronic Components Datasheet Search
  English  ▼

X  

HT2403L Datasheet(PDF) 9 Page - HYES Optoelectronics, Inc.

Part # HT2403L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2403L Datasheet(HTML) 9 Page - HYES Optoelectronics, Inc.

Back Button HT2403L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT2403L Datasheet HTML 13Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
3. Optical Characteristics
Transmissive mode
(Ta = 25℃)
Item
Symbol
Min.
Typ.
Max.
Condition Note
Ø=0 (Y1-Y2)
-
Ø=90 (X1-X2)
90
-
* Ø = 0˚, Ø = 90˚ means viewing direction.
* B/L is turned on.
* Remark : as for contrast ratio, it is measured in panel only.
380
-
θ = 0
Ø = 0
-
0.32, 0.34
-
cd/m2
0.01, 0.04
18mA/LED
Uniformity
70
-
-
230
290
0.24, 0.26 0.28, 0.30
W
(x,y)
Brightness
L
R
(x,y)
B
(x,y)
0.32, 0.59 0.38, 0.63
0.14, 0.08 0.18, 0.12
0.62, 0.34 0.68, 0.38
0.58, 0.30
G
(x,y)
0.28, 0.55
Response Time
Tr + Tf
-
25
40
ms
θ = 0
Ø = 0
Contrast ratio
Cr
200
Unit
50
60
80
Deg
Cr > 10
TECHNICAL SPECIFICATION
Date : Aug. 26, 2008
LCM
HT2403L
Page 9 of 24
CIE
Coordi
- nate
Viewing
θ2-θ1
θ = 0
Ø = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com