Electronic Components Datasheet Search
  English  ▼

X  

THS6012CDWP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012CDWP
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012CDWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6012CDWP Datasheet HTML 9Page - Texas Instruments THS6012CDWP Datasheet HTML 10Page - Texas Instruments THS6012CDWP Datasheet HTML 11Page - Texas Instruments THS6012CDWP Datasheet HTML 12Page - Texas Instruments THS6012CDWP Datasheet HTML 13Page - Texas Instruments THS6012CDWP Datasheet HTML 14Page - Texas Instruments THS6012CDWP Datasheet HTML 15Page - Texas Instruments THS6012CDWP Datasheet HTML 16Page - Texas Instruments THS6012CDWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
THS6012
500-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS226C– SEPTEMBER 1998 – REVISED FEBRUARY 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–5
–6
10M
100k
–2
–1
500M
0
3
1M
100M
1
2
–4
–3
VCC = ± 5 V
Gain = 1
RL = 25 Ω
VI = 200 mV
RF = 1 kΩ
RF = 1.5 kΩ
RF = 620 Ω
Figure 19
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
1
0
10M
100k
4
5
500M
6
9
1M
100M
7
8
2
3
VCC = ± 5 V
Gain = 2
RL = 25 Ω
VI = 200 mV
RF = 820 Ω
RF = 1.2 kΩ
RF = 510 Ω
Figure 20
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100
Figure 21
f – Frequency – Hz
OUTPUT AMPLITUDE
vs
FREQUENCY
–10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com