Electronic Components Datasheet Search
  English  ▼

X  

53SERIES Datasheet(PDF) 1 Page - Mallory performance club

Part # 53SERIES
Description  MAGNETO IGNITION SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

53SERIES Datasheet(HTML) 1 Page - Mallory performance club

  53SERIES Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory's new Magneto Ignition System is designed for Sprint Cars, Modifieds,
Supermodifieds, drag racing and any other motorsport that uses a magneto system.
Using rare earth magnets, the SPRINTMAG® III delivers higher spark plug current
and longer spark duration than other mags. Package includes a highly efficient, oil-
filled, external transformer.
SPRINTMAG® III Magneto Ignition System
Chevy V8 265-454 Std Deck .......................5358514
Chevy V8 w/Pro Cap ................................5358644
Chevy V8 w/Slip Collar (Gearte) ..................5358714
Ford V8 351W ........................................5356314
Ford V8 351C 429-460 ..............................5354614
Chrysler V8 270-360 ................................5357914
®
SPRINTMAG® III MAGNETO IGNITION SYSTEM
All metal pieces are nickel plated or stainless
steel for rust /corrosion resistance. Aluminum
housings are clear anodized.
Increased height for use with any style dis-
tributor hold-down
Nylon coupler between upper and lower
housing controls engine harmonics which
helps stabilize timing and increase mag
bearing life.
Weight
8.66 lbs with coil (coil – 3.2 lbs,
SPRINTMAG
® III – 5.46 lbs)
Screw-down retaining ring keeps spark
plug wires secure
Output
3.0 – 3.24 amps primary,
40 – 44 milliamps secondary
Timing device is easy to read
Bronze gear is standard
Smaller size fits all injector and air
cleaner systems—9" height from
engine flange, 3-1/2" diameter
Oil-filled, rubber-mounted mag trans-
former weighs 3.2 lbs.
Mallory is a division of the Mr. Gasket Performance Group
550 Mallory Way
Carson City, NV 89701
(775) 882-6600


Similar Part No. - 53SERIES

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53SEA-B28-A15L BOURNS-53SEA-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53SED-B28-A15L BOURNS-53SED-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53SEL-B28-A15L BOURNS-53SEL-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53SEM-B28-A15L BOURNS-53SEM-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53SEN-B28-A15L BOURNS-53SEN-B28-A15L Datasheet
273Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
More results

Similar Description - 53SERIES

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP410L SIEMENS-FP410L Datasheet
201Kb / 4P
Double Differential Magneto Resistor
FP412D250 SIEMENS-FP412D250 Datasheet
201Kb / 3P
Differential Magneto Resistor
FP420L90 SIEMENS-FP420L90 Datasheet
206Kb / 4P
Double Differential Magneto Resistor
FP425L90 SIEMENS-FP425L90 Datasheet
205Kb / 4P
Differential Magneto Resistor
logo
Sony Corporation
DM-111A SONY-DM-111A Datasheet
140Kb / 7P
Magneto-Resistance Element
logo
Mallory performance clu...
667C MALLORY-667C Datasheet
116Kb / 8P
HYFIRE VIIC PRO CD IGNITION SYSTEM
667S MALLORY-667S Datasheet
363Kb / 4P
VIIS SPORTSMAN CD IGNITION SYSTEM
logo
fujitsu semiconductor
MCC3064SS FUJITSU-MCC3064SS Datasheet
40Kb / 2P
Magneto-Optical Drives
MCE3130AP FUJITSU-MCE3130AP Datasheet
740Kb / 2P
Magneto-Optical Drives
logo
Mallory performance clu...
674M MALLORY-674M Datasheet
363Kb / 4P
HYFIRE짰 VIIS SPORTSMAN CD IGNITION SYSTEM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com