Electronic Components Datasheet Search
  English  ▼

X  

THS6002IDWP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002IDWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6002IDWP Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS6002IDWP Datasheet HTML 29Page - Texas Instruments THS6002IDWP Datasheet HTML 30Page - Texas Instruments THS6002IDWP Datasheet HTML 31Page - Texas Instruments THS6002IDWP Datasheet HTML 32Page - Texas Instruments THS6002IDWP Datasheet HTML 33Page - Texas Instruments THS6002IDWP Datasheet HTML 34Page - Texas Instruments THS6002IDWP Datasheet HTML 35Page - Texas Instruments THS6002IDWP Datasheet HTML 36Page - Texas Instruments THS6002IDWP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PCB design considerations (continued)
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
6
7
8
9
Tj = 150°C
PCB Size = 3” x 3”
No Air Flow
θJA = 21.5°C/W
2 oz Trace and
Copper Pad
with Solder
θJA = 43.9°C/W
2 oz Trace and Copper Pad
without Solder
Figure 58. Maximum Power Dissipation vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com