Electronic Components Datasheet Search
  English  ▼

X  

559 Datasheet(PDF) 3 Page - Mallory performance club

Part # 559
Description  ELECTRONIC BREAKERLESS CONVERSION KIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

559 Datasheet(HTML) 3 Page - Mallory performance club

  559 Datasheet HTML 1Page - Mallory performance club 559 Datasheet HTML 2Page - Mallory performance club 559 Datasheet HTML 3Page - Mallory performance club 559 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MALLORY TECHNICAL SUPPORT
(216)688-8300
www.mrgasket.com
MARINE APPLICATIONS: See Page 4 for additional wiring information.
FIGURE 5
12V/Ignition
Switch
12V/Ignition
Switch
Distributor Wire Harness
Part No. 29349
Ignition Ballast
Resistor
All other wires originally connected
to the coil (+) terminal
Ignition Module
Female Connector
Engine
Ground
Engine
Ground
Brown
Green
Red
Brown
Green
All other wires originally connected
to the coil (+) terminal
Loom Resistance
Wire
Red
Distributor Wire Harness
Part No. 29349
Ignition Module
Female Connector
FIGURE 6
NOTE: The purpose of loom resistance
wire between the ignition switch (12V) and
the ignition coil positive terminal is to
restrict current flow through the ignition
coil. Failure to use an ignition ballast
resistor will eventually destroy the Ignition
Module.
EXCEPTION: If your vehicle is equipped
with a HYFIRE
® Electronic Ignition Control
or similar aftermarket ignition control, use
the wiring procedures stated in the instruc-
tions included with the ignition control.
To prevent false triggering and possible
premature ignition failure, you must use
suppression type (carbon core, spiral
core, or radio suppression core) spark
plug wire.
DO NOT USE SOLID CORE (COPPER
CORE OR STAINLESS STEEL CORE)
SPARK PLUG WIRE WITH ANY
ELECTRONIC IGNITION SYSTEM.
NOTE: The purpose of an ignition ballast
resistor between the ignition switch (12V)
and the ignition coil positive terminal is to
restrict current flow through the ignition
coil. Failure to use an ignition ballast
resistor will eventually destroy the Ignition
Module.
EXCEPTION: If your vehicle is equipped
with a HYFIRE® Electronic Ignition Control
or similar aftermarket ignition control, use
the wiring procedures stated in the instruc-
tions included with the ignition control.
To prevent false triggering and possible
premature ignition failure, you must use
suppression type (carbon core, spiral
core, or radio suppression core) spark
plug wire.
DO NOT USE SOLID CORE (COPPER
CORE OR STAINLESS STEEL CORE)
SPARK PLUG WIRE WITH ANY
ELECTRONIC IGNITION SYSTEM.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com