Electronic Components Datasheet Search
  English  ▼

X  

2497 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2497
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2497 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2497 Datasheet HTML 1Page - KR Electronics, Inc. 2497 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2003, KR Electronics, Inc.
Parameter
Specification
Filter type
Notch
Attenuation at 1.81 MHz
< 3 dB
Attenuation at 1.946 MHz
> 20 dB
Attenuation at 1.9706 to 2.0298 MHz
> 40 dB
Attenuation at 2.056 MHz
> 20 dB
Attenuation at 2.21 MHz
< 3 dB
Source & Load
50
Ω
KR 2497
KR 2497
KR 2497
KR 2497
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions in inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com