Electronic Components Datasheet Search
  English  ▼

X  

2502 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2502
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2502 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2502 Datasheet HTML 1Page - KR Electronics, Inc. 2502 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2003, KR Electronics, Inc.
Parameter
Specification
Filter type
Bandpass
Center Frequency
70 MHz
Insertion Loss
< 2 dB (<1 dB typical)
Min 1 dB Bandwidth
24 MHz
Max 55 dB Bandwidth
80 MHz
Source and Load
75
Ω
KR 2502 Bandpass
KR 2502 Bandpass
KR 2502 Bandpass
KR 2502 Bandpass
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1.
Surface mount package — Metal cover, open frame
2.
Dimensions in inches
3.
Use SN60 or SN63 solder during installation
4.
If boards are cleaned after installation, units must be completely
dried to remove any entrapped moisture that will effect electrical
performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com