Electronic Components Datasheet Search
  English  ▼

X  

2506 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2506
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2506 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2506 Datasheet HTML 1Page - KR Electronics, Inc. 2506 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
CH1
S 21
log MAG
5 dB/
REF 0 dB
START
1.000 000 MHz
STOP 500.000 000 MHz
Cor
PRm
24 Sep 2003 12:54:51
CH1
S 21
log MAG
.1 dB/
REF -.3 dB
START
.100 000 MHz
STOP 15.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 30 ns
2 ns/
Cor
Smo
PRm
24 Sep 2003 12:53:46
1
2
KR 2506 15 MHz Video Filter
KR 2506 is a 15 MHz video lowpass filter with group delay
equalization. The filter is designed to be used as an antialias-
ing filter in HD 2x oversampling applications. Other options
including sin(x)/x compensation are available. Please consult
the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 15 MHz passband frequency
• <0.1 dB & < 2 nsec passband ripple
• >50 dB at 59.25 MHz
• Group delay equalization
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Amplitude & Group Delay
(0.1 dB/div & 2 nsec/div) 0.1 MHz to 15 MHz
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div) 1 MHz to 500 MHz


Similar Part No. - 2506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2506 ETC2-2506 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2506 HEYCO-2506 Datasheet
91Kb / 1P
Feets of Strength
logo
Keystone Electronics Co...
2506 KEYSTONE-2506 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Mill-Max Mfg. Corp.
2506-2-00-44-00 MILL-MAX-2506-2-00-44-00 Datasheet
451Kb / 1P
SOLDER TERMINAL TURRETS
2506-2-00-44-00-00-07-0 MILL-MAX-2506-2-00-44-00-00-07-0 Datasheet
451Kb / 1P
SOLDER TERMINAL TURRETS
More results

Similar Description - 2506

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2378 KR-2378 Datasheet
18Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com