Electronic Components Datasheet Search
  English  ▼

X  

2507 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2507
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2507 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2507 Datasheet HTML 1Page - KR Electronics, Inc. 2507 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2003, KR Electronics, Inc.
-80
-70
-60
-50
-40
-30
-20
-10
0
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
Frequency (KHz)
KR Electronics 2507 Notch Filter
KR 2507 is a 12 KHz notch filter. Please consult the factory
for other frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Notch filter
• 12 KHz
• >60 dB Notch
• 5000 Ω
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2507 ETC2-2507 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2507 HEYCO-2507 Datasheet
91Kb / 1P
Feets of Strength
logo
Christian Bürkert GmbH ...
2507 BURKERT-2507 Datasheet
1Mb / 13P
Plunger valve 2/2 way direct-acting
26.01.2021
2507 BURKERT-2507 Datasheet
882Kb / 11P
Diaphragm valve 2/2-way servo-assisted
01.12.2023
2507 BURKERT-2507 Datasheet
892Kb / 9P
Membranventil 2/2-Wege servogesteuert
15.04.2021
More results

Similar Description - 2507

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com