Electronic Components Datasheet Search
  English  ▼

X  

2513 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2513
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2513 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2513 Datasheet HTML 1Page - KR Electronics, Inc. 2513 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2003, KR Electronics, Inc.
Parameter
Specification
Filter type
Lowpass
End of Passband (< 1 dB)
88 MHz
Attenuation at 96 MHz
< 3 dB
Insertion Loss (at 100 KHz)
< 2 dB
Group Delay Ripple to 80 MHz
< 2 nsec
Input & Output Return Loss to 80 MHz
> 18 dB
Attenuation at 120 MHz
> 30 dB
Attenuation at 132 MHz
> 40 dB
Source & Load
50
Ω
KR 2513
KR 2513
KR 2513
KR 2513
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Dimensions in inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com