Electronic Components Datasheet Search
  English  ▼

X  

THS7002CPWP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002CPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002CPWP Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7002CPWP Datasheet HTML 9Page - Texas Instruments THS7002CPWP Datasheet HTML 10Page - Texas Instruments THS7002CPWP Datasheet HTML 11Page - Texas Instruments THS7002CPWP Datasheet HTML 12Page - Texas Instruments THS7002CPWP Datasheet HTML 13Page - Texas Instruments THS7002CPWP Datasheet HTML 14Page - Texas Instruments THS7002CPWP Datasheet HTML 15Page - Texas Instruments THS7002CPWP Datasheet HTML 16Page - Texas Instruments THS7002CPWP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 38
–100
–90
–80
–70
–60
–50
–40
–30
PGA HARMONIC
DISTORTION
vs
FREQUENCY
f – Frequency – Hz
100k
1M
10M
RL= 1 kΩ
Gain=+8 dB
VO(PP)= 2 V
VCC=±15 V
3rd Harmonic
VCC=±5 V
2nd Harmonic
VCC=±5 V
3rd Harmonic
VCC=±15 V
2nd Harmonic
Figure 39
PGA HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
–40
–50
–60
–70
–80
–90
0
2.5
5
7.5
10 12.5
15
17.5
VO(PP) – Peak -To-Peak Output Volage – V
RL = 1 kΩ
G= +8 dB
f = 1 MHz
–100
20
VCC ± 5 V
3rd Harmonic
VCC ± 5 V
2nd Harmonic
VCC ± 15 V
2nd Harmonic
VCC ± 15V
3rd Harmonic
Figure 40
100
120
140
160
180
200
220
–40
–20
0
20
40
60
80
100
PGA SLEW RATE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
RL=1 k Ω
VCC=+/–5 V
VO(P-P)=5 V
VCC=+/–15 V
VO(P-P)=20 V
Figure 41
PGA CLAMP ACCURACY
vs
FREE-AIR TEMPERATURE
300
200
100
0
–100
–300
–40
–20
0
20
40
60
80
100
TA – Free-Air Temperature – _C
VH – 15V
15-V Condition:
VH, VL = ±10 V
VI = ±10 V
VH – 5V
VL – 15V
VL – 5V
5-V Condition:
VH, VL = ±2 V
VI = ±2 V
G = +2 dB
–200
Figure 42
t – Time – ns
0
–1
–3
0
100
200
300
1
2
PGA CLAMP RESPONSE
4
400
500
3
–2
–4
Clamped
Output
VH = 2 V
VL = –2 V
Unclamped
Output
VCC = ±5 V
Gain = 1,0,0 (+ 2 dB)
RL = 500 Ω
Figure 43
t – Time – ns
0
–1
–3
0
100
200
300
1
2
PGA CLAMP RESPONSE
4
400
500
3
–2
–4
VCC = +15 V, +5 V
Gain = 1,0,0 (+2 dB)
VH = VCC+
Unclamped Output
Clamped Output
VL = 0 V
Figure 44
t – Time – ns
4
2
–2
0
50
100
150
6
8
12
200
250
10
0
–4
PGA CLAMP RESPONSE
VCC = +15 V
Gain = 1,0,0 (+2 dB)
VL = VCC–
Unclamped
Output
Clamped
Output
VH = 5 V
Figure 45
100k
f – Frequency – Hz
–20
–30
–40
–90
–80
–100
1M
10M
100M
500M
SHUTDOWN ISOLATION
vs
FREQUENCY
–60
–50
–70
Preamp: Forward Iso.
Preamp: Reverse Iso.
PGA: Reverse Iso.
PGA: Forward Iso.
VCC = ± 5 V & ± 15 V
VI(PP) = 2.5 V
Figure 46
VSHDN (5 V/Div)
VCC = ±5 V,±15
Gain = 1,0,1
(+8 dB)
t – Time – ns
0
100 200 300 400 500 600 700 800 9001000
RL = ∞
RL = 500 Ω
PGA SHUTDOWN RESPONSE
VOUT
(500 mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com