Electronic Components Datasheet Search
  English  ▼

X  

2530 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2530
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2530 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2530 Datasheet HTML 1Page - KR Electronics, Inc. 2530 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
CENTER
518 . 000
000
MHz
SPAN
80 . 000
000
MHz
Cor
CH2
S31
DEL
2 ns/
REF 8 ns
Cor
Smo
2 Feb 2004 12:16:08
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
518 . 000
000
MHz
SPAN
600 . 000
000
MHz
Cor
2 Feb 2004 12:18:19
KR Electronics 2530 Bandpass Filter
KR 2530 is a 518 MHz surface mount bandpass filter. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• 518 MHz Center Frequency
• BW1dB 80 MHz min
• >40 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 2 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2530

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2530 SCHURTER-2530 Datasheet
360Kb / 2P
Power Cord with IEC Connector C5, Straight
logo
Heyco.
2530 HEYCO-2530 Datasheet
91Kb / 1P
Feets of Strength
logo
Littelfuse
2530.062HAT1L LITTELFUSE-2530.062HAT1L Datasheet
910Kb / 4P
Axial Lead & Cartridge Fuses
2530.062HRT1L LITTELFUSE-2530.062HRT1L Datasheet
910Kb / 4P
Axial Lead & Cartridge Fuses
2530.062HXT1L LITTELFUSE-2530.062HXT1L Datasheet
910Kb / 4P
Axial Lead & Cartridge Fuses
More results

Similar Description - 2530

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com