Electronic Components Datasheet Search
  English  ▼

X  

2555 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 2555
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2555 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  2555 Datasheet HTML 1Page - KR Electronics, Inc. 2555 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
© 2004, KR Electronics, Inc.
Parameter
Specification
Filter type
Differential Notch
Notch Frequency
65 MHz
Maximum 3 dB Bandwidth
24 MHz
Attenuation at 65 MHz
> 40 dB
Source & Load
100
Ω
Typical 3 dB Bandwidth
15.25 MHz
KR 2555
KR 2555
KR 2555
KR 2555
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
NOTES:
1. FILTER IS BI-DIRECTIONAL
2. ALL PINS ARE 0.030” DIA
3. DIMENSIONS ARE IN INCHES
Pin 1—IN
Pin 8—IN
Pin 4– OUT
Pin 5– OUT
All other pins are connected to case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com