Electronic Components Datasheet Search
  English  ▼

X  

2564 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2564
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2564 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2564 Datasheet HTML 1Page - KR Electronics, Inc. 2564 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2004, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 40.000 000 MHz
SPAN 20.000 000 MHz
Cor
PRm
17 Sep 2004 17:02:09
CH1
S 21
log MAG
10 dB/
REF 0 dB
START 1.000 000 MHz
STOP 300.000 000 MHz
PRm
17 Sep 2004 16:59:35
KR 2564 Bandpass Filter
KR 2564 is a 40 MHz surface mount bandpass filter. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• Sharp Transition to Stopband
• >50 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2564

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2564 ADAFRUIT-2564 Datasheet
126Kb / 2P
NinjaFlex - 1.75mm Diameter - Violet Grape - .50 Kg
logo
List of Unclassifed Man...
25640401RP2 ETC2-25640401RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640601RP2 ETC2-25640601RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640801RP2 ETC2-25640801RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25641001RP2 ETC2-25641001RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
More results

Similar Description - 2564

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com