Electronic Components Datasheet Search
  English  ▼

X  

674 Datasheet(PDF) 4 Page - Mallory performance club

Part # 674
Description  VIIC CONTROL UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

674 Datasheet(HTML) 4 Page - Mallory performance club

  674 Datasheet HTML 1Page - Mallory performance club 674 Datasheet HTML 2Page - Mallory performance club 674 Datasheet HTML 3Page - Mallory performance club 674 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NEVADA 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM #1492
(REV. B) 9/00
Made in U.S.A.
Printed in U.S.A.
To nitrous stage 1 (+12 volts when active)
To nitrous stage 2 (+12 volts when active)
To nitrous stage 3 (+12 volts when active)
NC
N
NO
RPM2
RPM3
RET1
RET2
RET2
EXAMPLE 6: Using the high-speed timing retard function with a 3-stage nitrous system.
CUT-IN (Mode 9)
This is the RPM where the timing
starts to advance. This example
shows a cut-in of 7.0 (7000 RPM).
SLOPE (Mode 8)
This is how much the timing advances
for every 1000 RPM. This example shows
a slope of 2.0 (2 degrees per 1000 RPM).
MAXIMUM ADVANCE (Mode A)
This example shows a maximum of 2
degrees advance.
8
6
4
2
0
0
2000
4000
6000
8000
10k
RPM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com