Electronic Components Datasheet Search
  English  ▼

X  

676M Datasheet(PDF) 1 Page - Mallory performance club

Part # 676M
Description  HYFIRE 7C CONTROL UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

676M Datasheet(HTML) 1 Page - Mallory performance club

  676M Datasheet HTML 1Page - Mallory performance club 676M Datasheet HTML 2Page - Mallory performance club 676M Datasheet HTML 3Page - Mallory performance club 676M Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
OPERATING INSTRUCTIONS
®
HYFIRE® 7C CONTROL UNIT
PART NO. 676M
FORM 1554M (REV. A) 10/02
RPM Switch:
NOTE: This feature is not available on the HYFIRE® 667S. The
built-in RPM switch can either turn an electrical load off or on
at a selected RPM. See below for more detail.
NC
This is the RPM switch (mode 7) relay contact that is
normally closed. In other words, as long as you haven’t
reached the point where the RPM switch is active, this
contact remains connected to the “common” or “C” ter-
minal. You would use this connection if, for example,
you wanted to turn something OFF (such as a nitrous
system) when you reached the RPM switch point. See
Example 1.
C
This is the common terminal for the RPM switch (mode
7) relay in the main unit. It is connected to the RPM
switch, where it will switch the accessory connected to
the “NC” terminal OFF, and the accessory connected
to the “NO” terminal ON when the RPM switch value is
reached. The “C” terminal can be used to switch either
to power or ground.
NO
This is the RPM switch (mode 7) relay contact that is
normally open. In other words, as long as you haven’t
reached the point where the RPM switch is active, this
contact isn’t connected to the “C” contact. You would
use this contact to turn something ON (such as a shift
light or an air shifter) at a specific RPM. See Example 2
and Example 3.
RPM Limiters:
The HYFIRE® 676M Control has three built-in RPM limiters. Each
one has a range of 1000 to 12,800 RPM in 50 RPM steps. On the
main display, there is a decimal point on the mode digit. When that
decimal point is lit up, the RPM limit is increased by 50 RPM.
RPM1 (Mode 1)This is the RPM limit that is always active if you
haven’t selected any other RPM limit.
RPM2 (Mode 2) This is an auxiliary RPM limiter that is acti-
vated when you apply 12 volts to the “RPM2” terminal on
the top-side connector. This could be a burnout limiter.
When selected, it overrides RPM 1 (the main engine
protection RPM limiter). See Example 4.
RPM3 (Mode 3) This is the other auxiliary RPM limiter. It also
is activated by 12 volts on the “RPM3” terminal on the
top-side connector, and overrides both RPM2 and
RPM1. Use this limit as a staging (starting line) RPM
limiter. See Example 5.
High Speed Timing Retards:
RET1, RET2, RET3 (Modes 4, 5, 6) These are all high-speed
timing retard functions that are activated by 12 volts on the appro-
priate top-side connector terminal. Each higher stage overrides
the lower stages, which means that you set each stage for exactly
the amount of retard you want, rather than adding up each stage to
get the actual retard. See Example 6.
NOTE: When you apply 12 volts to RPM2, RPM3, RET1, RET2,
or RET3 the display will switch to show that function. If you
have both an auxiliary RPM limit AND a retard selected, the
display will show the retard value.
See the accompanying illustrations for some examples of how to use
the RPM limiters, the RPM switch, and the timing retard functions.


Similar Part No. - 676M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
676 LITTELFUSE-676 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Marl International Limi...
676 MARL-676 Datasheet
421Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
logo
Adafruit Industries
676 ADAFRUIT-676 Datasheet
164Kb / 2P
EL wire welted piping starter pack - Aqua - 5 meters
7/27/2015
logo
Microsemi Corporation
676-1 MICROSEMI-676-1 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
676-2 MICROSEMI-676-2 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
More results

Similar Description - 676M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
Control interface unit
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
Safety control unit
2023-02-15
SB4-OR-4CP-B-B PF-SB4-OR-4CP-B-B Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4XP-B-B-B-B PF-SB4-OR-4XP-B-B-B-B Datasheet
1Mb / 7P
Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com