Electronic Components Datasheet Search
  English  ▼

X  

4070 Datasheet(PDF) 1 Page - Mallory performance club

Part # 4070
Description  ELECTRIC FUEL PUMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

4070 Datasheet(HTML) 1 Page - Mallory performance club

  4070 Datasheet HTML 1Page - Mallory performance club 4070 Datasheet HTML 2Page - Mallory performance club 4070 Datasheet HTML 3Page - Mallory performance club 4070 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMP PUMP® SERIES 70
ELECTRIC FUEL PUMP
PART NO. 4070
INSTALLATION INSTRUCTIONS
®
FORM #1042 (REV. B) 8/00
NOTE: DO NOT RUN THIS PUMP WITHOUT FUEL
(EXCEPT FOR BRIEF PERIODS WHILE PRIMING).
SPECIFICATIONS
Operating pressure: 5–6 PSI
Fuel pump inlet/outlet thread sizes: 3/8" NPT
Oil pressure switch rating: 5 AMP
Fuel pump over current protection: 5 AMP fuse
Fuel applications: Gasoline
Service Parts
PN 3146A Brush Kit
PN 3164 Seal/Repair Kit, Gasoline
PARTS INCLUDED IN THIS KIT
1
Electric Fuel Pump
2
Nuts, 5/16" – 24
2
Bolts, Steel 5/16"
2
Washers, Steel 5/16" Flat
1
Splice Connector
1
Ring Terminal
GENERAL INFORMATION
The COMP PUMP® 70 Series Electric Fuel Pump is a low volume fuel
pump designed for automotive applications. The operating fuel pres-
sure is factory set at 5-6 PSI. A fuel pressure regulator is not used. We
recommend a 5/16" or larger fuel line with this fuel system.
When installing the fuel pump fittings, use a thread sealant compound
(you can find this at a hardware store) on the fitting threads. Do not
use Teflon tape. Teflon tape can get into the Gerotor and lock the
pump. Also, do not overtighten the fittings. This could damage the fuel
chamber.
The fuel pump output pressure can be slightly adjusted on the vehicle
using a fuel pressure gauge. To change the fuel pump output
pressure, release the jam nut and remove bypass plug. Clean the
bypass plug. Apply thread sealant compound to the bypass plug
threads. Install bypass plug. Turning the bypass plug clockwise
increases fuel pressure. Tighten the jam nut.
Be sure to install a suitable fuel filter (minimum 40 micron filtration)
between the fuel tank and the fuel pump. The Mallory COMP FILTER®
Series Part Nos. 3140 is recommended. This prevents debris from
becoming wedged in the fuel pump’s Gerotor and locking it.
MOUNTING PROCEDURE
Step 1
Mount the pump as close as possible to the fuel tank (at or below the
level of the fuel tank pickup) in a well ventilated area with minimal
exposure to road debris. Avoid exposing the pump and fuel lines to
moving parts and hot surfaces, such as the exhaust system. NOTE:
Increasing distance between the pump and tank will decrease
pump efficiency.
Step 2
Using the pump mounting bracket as a template, locate mounting
holes on a solid member, such as the vehicle chassis. Drill holes for 5/
16" bolts. See Figure 1. NOTE: To ensure against a potential fire
hazard from pump flooding, mount the pump in a vertical
position with the motor on top.
Step 3
Connect fuel lines as shown in Figure 2. If your fuel system requires a
fuel pressure regulator, proceed to the instructions with the fuel
pressure regulator.
1
This product is covered under one or more of the following U.S. Patents:
5,007,806; 4,998,557; 5,111,793; 5,123,436; 5,186,147.


Similar Part No. - 4070

ManufacturerPart #DatasheetDescription
logo
Powerbox
4070 POWERBOX-4070 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Videk Ltd
4070 VIDEK-4070 Datasheet
101Kb / 1P
Product Description:
4070-10 VIDEK-4070-10 Datasheet
101Kb / 1P
Product Description:
4070-15 VIDEK-4070-15 Datasheet
101Kb / 1P
Product Description:
4070-3 VIDEK-4070-3 Datasheet
101Kb / 1P
Product Description:
More results

Similar Description - 4070

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
110_140 MALLORY-110_140 Datasheet
294Kb / 4P
ELECTRIC FUEL PUMPS
4060FI MALLORY-4060FI Datasheet
144Kb / 4P
ELECTRIC FUEL PUMP
5160FI MALLORY-5160FI Datasheet
173Kb / 4P
ELECTRIC FUEL PUMP
5250 MALLORY-5250 Datasheet
131Kb / 4P
ELECTRIC FUEL PUMP
PN2920 MALLORY-PN2920 Datasheet
916Kb / 4P
Fuel Pump Kit, 525 HP
PN2921 MALLORY-PN2921 Datasheet
1Mb / 4P
High Horsepower Fuel Pump Kit
PN2926 MALLORY-PN2926 Datasheet
568Kb / 2P
High Horsepower Fuel Pump
PN5250 MALLORY-PN5250 Datasheet
436Kb / 8P
Mallory Fuel Series 250 Electric Fuel Pump
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
Mallory Fuel Series 70 Electric Fuel Pump
logo
Molex Electronics Ltd.
0190780160 MOLEX-0190780160 Datasheet
28Kb / 1P
Electric Hydraulic Pump
08/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com