Electronic Components Datasheet Search
  English  ▼

X  

4307M Datasheet(PDF) 2 Page - Mallory performance club

Part # 4307M
Description  FUEL PRESSURE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

4307M Datasheet(HTML) 2 Page - Mallory performance club

  4307M Datasheet HTML 1Page - Mallory performance club 4307M Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INSTALLING THE 4307M REGULATOR
1. Connect the fuel line and the return line. The return line
must be attached to the bottom port on the regulator. The
fuel line must be attached to the upper -8AN port on the
regulator. Fittings must be purchased to adapt the fuel
line and the return line to the regulator. The unused port(s)
in the regulator can be plugged or used as gauge port(s).
2. Turn the fuel pump on and check for leaks. If leaks are
found on the NPT(tapered) fittings, make sure the threads
are covered properly with Teflon sealer.
NOTE: If the fuel system will not prime properly, back
the adjustment screw all the way out of the regulator
until the system is primed. Then reinstall the adjust-
ment screw.
3. Set the fuel pressure. Loosen the jam nut on the top of
the regulator and turn the brass adjustment screw to ad-
just the pressure. Clockwise increases pressure.
FUEL LINE SIZE (FROM PUMP TO REGULATOR)
Minimum fuel line size is determined by the horsepower of
the engine.
Up to 350 HP: 5/16" or –4AN
Up to 500 HP: 3/8" or –6AN
Up to 700 HP: 1/2" or –8AN
RETURN LINE SIZE
The minimum return line size is determined by the output
of the fuel pump.
Up to 29 gal/hr (110 liter/hr):
1/4" or –3AN
Up to 45 gal/hr (170 liter/hr):
5/16" or –4AN
Up to 90 gal/hr (340 liter/hr):
3/8" or –6AN
Up to 200 gal/hr (680 liter/hr):
1/2" or –8AN
MALLORY IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NEVADA 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM #1529
(REV. A) 06/01
Made in U.S.A.
Printed in U.S.A.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com