Electronic Components Datasheet Search
  English  ▼

X  

HMI43 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HMI43
Description  UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE OUTPUT 43 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HMI43 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HMI43 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HMI43 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-14-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 145g (5.12 Oz.)
SINGLE OUTPUT
MAIN OUTPUT
MODEL NO.
Typ.
Volt.
HMI43-S120350
3.50A
12.0V
HMI43-S150270
2.70A
15.0V
HMI43-S240170
1.70A
24.0V
HMI43-S480085
0.85A
48.0V
Symbol: “★" OVP built-in.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC COM
CNTR/PIN#
P1-L
P1-N
G
P2-1,2
P2-3,4
Mating connector: P1,2 Molex # 5195 or 5239 series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com